|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDH15N50 - 15A, 500V, 0.38 Ohm, N-Channel SMPS Power MOSFET - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDH27N50 | 27A 500V 0.19 Ohm N-Channel SMPS Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDH44N50 | 44A 500V 0.12 Ohm N-Channel SMPS Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRF430 | 4.5A 500V 1.500 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| FDP20N40 | 20A 400V 0.216 Ohm N-Channel SMPS Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRF440 | 8A 500V 0.850 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRF450 | 13A 500V 0.400 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRF350 | 15A 400V 0.300 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| IRF820 | 2.5A 500V 3.000 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| STB14NF10 | N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET⢠II POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| IRF830 | 4.5A 500V 1.500 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|