Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD6530A Datasheet (PDF) - Fairchild Semiconductor

FDD6530A Datasheet PDF - Fairchild Semiconductor
Part # FDD6530A
Download  FDD6530A Download

File Size   82.4 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20V N-Channel PowerTrench MOSFET

FDD6530A Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD6530A Datasheet PDF - Fairchild Semiconductor

Part # FDD6530A
Download  FDD6530A Click to download

File Size   82.4 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20V N-Channel PowerTrench MOSFET

FDD6530A Datasheet (HTML) - Fairchild Semiconductor

FDD6530A Datasheet HTML 1Page - Fairchild Semiconductor FDD6530A Datasheet HTML 2Page - Fairchild Semiconductor FDD6530A Datasheet HTML 3Page - Fairchild Semiconductor FDD6530A Datasheet HTML 4Page - Fairchild Semiconductor FDD6530A Datasheet HTML 5Page - Fairchild Semiconductor

FDD6530A Product details

General Description
This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for low gate charge, low RDS( ON) and fast switching speed.

Features
• 21 A, 20 V
   RDS(ON) = 32 mW @ VGS = 4.5 V
   RDS(ON) = 47 mW @ VGS = 2.5 V
• Low gate charge (6.5 nC typical)
• Fast switching
• High performance trench technology for extremely
   low RDS(ON)

Applications
• DC/DC converter
• Motor drives




Similar Part No. - FDD6530A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD6530A ISC-FDD6530A Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FDD6530A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD3706 FAIRCHILD-FDD3706 Datasheet
113Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDN371N FAIRCHILD-FDN371N Datasheet
84Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG327N FAIRCHILD-FDG327N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6162N3 FAIRCHILD-FDS6162N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6572A FAIRCHILD-FDS6572A Datasheet
75Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDV305N FAIRCHILD-FDV305N Datasheet
172Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG329N FAIRCHILD-FDG329N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6064N3 FAIRCHILD-FDS6064N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6064N7 FAIRCHILD-FDS6064N7 Datasheet
198Kb / 6P
   20V N-Channel PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com