|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDD3680 - 100V N-Channel PowerTrench MOSFET - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDS3672 | N-Channel PowerTrench MOSFET 100V 7.5A 22m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS3170N7 | 100V N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS3680 | 100V N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS3682 | N-Channel PowerTrench MOSFET 100V 6A 35m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| FDB3632 | N-Channel PowerTrench MOSFET 100V 80A 9m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS3690 | 100V N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDB3652 | N-Channel PowerTrench MOSFET 100V 61A 16m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS3912 | 100V Dual N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDB3682 | N-Channel PowerTrench MOSFET 100V 32A 36m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS3992 | N-Channel PowerTrench MOSFET 100V 4.5A 62m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|