|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDD2570 - 150V N-Channel PowerTrench MOSFET - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDS2582 | N-Channel PowerTrench MOSFET 150V 4.1A 66m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| FDB2532 | N-Channel PowerTrench MOSFET 150V 79A 16m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| FDB2552 | N-Channel PowerTrench MOSFET 150V 37A 36m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| FDB2572 | N-Channel PowerTrench MOSFET 150V 29A 54m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| FDC2512 | 150V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDD2512 | 150V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDD2572 | N-Channel PowerTrench MOSFET 150V 29A 54m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| FDD2582 | N-Channel PowerTrench MOSFET 150V 21A 66m | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDP2570 | 150V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDS2070N3 | 150V N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|