Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC658P Datasheet (PDF) - Fairchild Semiconductor

FDC658P Datasheet PDF - Fairchild Semiconductor
Part # FDC658P
Download  FDC658P Download

File Size   249.44 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single P-Channel, Logic Level, PowerTrenchTM MOSFET

FDC658P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDC658P Datasheet PDF - Fairchild Semiconductor

Part # FDC658P
Download  FDC658P Click to download

File Size   249.44 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single P-Channel, Logic Level, PowerTrenchTM MOSFET

FDC658P Datasheet (HTML) - Fairchild Semiconductor

FDC658P Datasheet HTML 1Page - Fairchild Semiconductor FDC658P Datasheet HTML 2Page - Fairchild Semiconductor FDC658P Datasheet HTML 3Page - Fairchild Semiconductor FDC658P Datasheet HTML 4Page - Fairchild Semiconductor FDC658P Datasheet HTML 5Page - Fairchild Semiconductor FDC658P Datasheet HTML 6Page - Fairchild Semiconductor FDC658P Datasheet HTML 7Page - Fairchild Semiconductor FDC658P Datasheet HTML 8Page - Fairchild Semiconductor

FDC658P Product details

General Description
This P-Channel Logic Level MOSFET is produced using Fairchild Semiconductors advanced PowerTrench process that has been especially tailored to minimize the on-state resistance and yet maintain low gate charge for superior switching performance.
These devices are well suited for notebook computer applications: load switching and power management, battery charging circuits, and DC/DC conversion.

Features
■ -4 A, -30 V. RDS(ON) = 0.050 Ω @ VGS = -10 V
                       RDS(ON) = 0.075 Ω @ VGS = -4.5 V.
■ Low gate charge (8nC typical).
■ High performance trench technology for extremely low
   RDS(ON).
■ SuperSOTTM-6 package: small footprint (72% smaller than
   standard SO-8); low profile (1mm thick).




Similar Part No. - FDC658P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC658AP FAIRCHILD-FDC658AP Datasheet
275Kb / 5P
   Single P-Channel Logic Level PowerTrench짰 MOSFET -30V, -4A, 50mOhm
logo
Guangdong Kexin Industr...
FDC658AP KEXIN-FDC658AP Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDC658AP VBSEMI-FDC658AP Datasheet
1,005Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results


Similar Description - FDC658P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4425DY FAIRCHILD-SI4425DY Datasheet
119Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6575 FAIRCHILD-FDS6575 Datasheet
247Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR858P FAIRCHILD-FDR858P Datasheet
261Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675_07 Datasheet
515Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6685 FAIRCHILD-FDS6685 Datasheet
204Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS4435 FAIRCHILD-FDS4435 Datasheet
637Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS4953 FAIRCHILD-FDS4953 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6975 FAIRCHILD-FDS6975 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR8308P FAIRCHILD-FDR8308P Datasheet
268Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com