Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4017 Datasheet (PDF) - Fairchild Semiconductor

CD4017 Datasheet PDF - Fairchild Semiconductor
Part # CD4017
Download  CD4017 Download

File Size   58.18 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Hex D-Type Flip-FlopQuad D-Type Flip-Flop

CD4017 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4017 Datasheet PDF - Fairchild Semiconductor

Part # CD4017
Download  CD4017 Click to download

File Size   58.18 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Hex D-Type Flip-FlopQuad D-Type Flip-Flop

CD4017 Datasheet (HTML) - Fairchild Semiconductor

CD4017 Datasheet HTML 1Page - Fairchild Semiconductor CD4017 Datasheet HTML 2Page - Fairchild Semiconductor CD4017 Datasheet HTML 3Page - Fairchild Semiconductor CD4017 Datasheet HTML 4Page - Fairchild Semiconductor CD4017 Datasheet HTML 5Page - Fairchild Semiconductor CD4017 Datasheet HTML 6Page - Fairchild Semiconductor CD4017 Datasheet HTML 7Page - Fairchild Semiconductor

CD4017 Product details

General Description
The CD40174BC consists of six positive-edge triggered D type flip-flops; the true outputs from each flip-flop are externally available. The CD40175BC consists of four positive edge triggered D-type flip-flops; both the true and comple ment outputs from each flip-flop are externally available.
All flip-flops are controlled by a common clock and a common clear. Information at the D inputs meeting the set-up time requirements is transferred to the Q outputs on the positive-going edge of the clock pulse. The clearing operation, enabled by a negative pulse at Clear input, clears all
Q outputs to logical “0” and Qs (CD40175BC only) to logical “1”. All inputs are protected from static discharge by diode clamps to VDDand VSS.

Features
■ Wide supply voltage range: 3V to 15V
■ High noise immunity: 0.45 VDD(typ.)
■ Low power TTL compatibility: fan out of 2 driving 74L or 1 driving 74 LS
■ Equivalent to MC14174B, MC14175B
■ Equivalent to MM74C174, MM74C175




Similar Part No. - CD4017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4017 TI-CD4017 Datasheet
590Kb / 14P
[Old version datasheet]   CMOS COUNTER/DIVIDERS
logo
Fairchild Semiconductor
CD4017 FAIRCHILD-CD4017 Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Texas Instruments
CD40174 TI-CD40174 Datasheet
215Kb / 5P
[Old version datasheet]   CMOS HEX D-TYPE FLIP-FLOP
CD40174B TI-CD40174B Datasheet
215Kb / 5P
[Old version datasheet]   CMOS HEX D-TYPE FLIP-FLOP
CD40174B TI1-CD40174B Datasheet
918Kb / 16P
[Old version datasheet]   CMOS HEX D-type Flip-Flop
More results


Similar Description - CD4017

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
   Hex D-Type Flip-Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
   Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
   Hex Type D Flip-Flop
May, 2013 ??Rev. 8
logo
Texas Instruments
CD74AC174 TI1-CD74AC174_14 Datasheet
833Kb / 14P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP
logo
Hitachi Semiconductor
HD14174B HITACHI-HD14174B Datasheet
74Kb / 7P
   Hex D-type Flip Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B Datasheet
170Kb / 8P
   Hex Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF40174B PHILIPS-HEF40174B Datasheet
62Kb / 5P
   Hex D-type flip-flop
January 1995
logo
ON Semiconductor
MC14174B_0008 ONSEMI-MC14174B_0008 Datasheet
95Kb / 8P
   Hex Type D Flip-Flop
August, 2000 ??Rev. 4
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com