Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4001 Datasheet (PDF) - Fairchild Semiconductor

CD4001 Datasheet PDF - Fairchild Semiconductor
Part # CD4001
Download  CD4001 Download

File Size   118.03 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate

CD4001 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4001 Datasheet PDF - Fairchild Semiconductor

Part # CD4001
Download  CD4001 Click to download

File Size   118.03 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate

CD4001 Datasheet (HTML) - Fairchild Semiconductor

CD4001 Datasheet HTML 1Page - Fairchild Semiconductor CD4001 Datasheet HTML 2Page - Fairchild Semiconductor CD4001 Datasheet HTML 3Page - Fairchild Semiconductor CD4001 Datasheet HTML 4Page - Fairchild Semiconductor CD4001 Datasheet HTML 5Page - Fairchild Semiconductor CD4001 Datasheet HTML 6Page - Fairchild Semiconductor CD4001 Datasheet HTML 7Page - Fairchild Semiconductor CD4001 Datasheet HTML 8Page - Fairchild Semiconductor CD4001 Datasheet HTML 9Page - Fairchild Semiconductor

CD4001 Product details

General Description
The CD4001BC and CD4011BC quad gates are monolithic complementary MOS (CMOS) integrated circuits constructed with N- and P-channel enhancement mode transistors. They have equal source and sink current capabilities and conform to standard B series output drive. The devices also have buffered outputs which improve transfer characteristics by providing very high gain.
All inputs are protected against static discharge with diodes to VDD and VSS.

Features
■ Low power TTL:
   Fan out of 2 driving 74L compatibility: or 1 driving 74LS
■ 5V–10V–15V parametric ratings
■ Symmetrical output characteristics
■ Maximum input leakage 1 µA at 15V over full temperature range



Similar Part No. - CD4001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4001 NSC-CD4001 Datasheet
167Kb / 6P
   Quad 2-Input NOR,NAND Buffered B Series Gate
logo
Texas Instruments
CD4001 TI-CD4001 Datasheet
206Kb / 5P
[Old version datasheet]   CMOS NOR Gates
logo
Intersil Corporation
CD4001 INTERSIL-CD4001 Datasheet
143Kb / 9P
   CMOS NOR Gate
November 1994
logo
National Semiconductor ...
CD4001 NSC-CD4001 Datasheet
164Kb / 6P
   Quad 2-Input NOR(NAND) Buffered B Series Gate
logo
List of Unclassifed Man...
CD4001 ETC2-CD4001 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results


Similar Description - CD4001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4001BM NSC-CD4001BM Datasheet
167Kb / 6P
   Quad 2-Input NOR,NAND Buffered B Series Gate
CD4011BC NSC-CD4011BC Datasheet
164Kb / 6P
   Quad 2-Input NOR(NAND) Buffered B Series Gate
logo
Unisonic Technologies
CD4001B UTC-CD4001B Datasheet
186Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4001B UTC-UCD4001B Datasheet
168Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4001B UTC-UCD4001B_15 Datasheet
205Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B_15 Datasheet
179Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
CD4011B UTC-CD4011B Datasheet
176Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B Datasheet
179Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
logo
Fairchild Semiconductor
CD4071BC FAIRCHILD-CD4071BC Datasheet
96Kb / 7P
   Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
CD4071BC FAIRCHILD-CD4071BC_02 Datasheet
101Kb / 7P
   Quad 2-Input OR Buffered B Series Gate Quad 2-Input AND Buffered B Series Gate
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com