Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD40106BCN Datasheet (PDF) - Fairchild Semiconductor

CD40106BCN Datasheet PDF - Fairchild Semiconductor
Part # CD40106BCN
Download  CD40106BCN Download

File Size   66.9 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Hex Schmitt Trigger

CD40106BCN Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40106BCN Datasheet PDF - Fairchild Semiconductor

Part # CD40106BCN
Download  CD40106BCN Click to download

File Size   66.9 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Hex Schmitt Trigger

CD40106BCN Datasheet (HTML) - Fairchild Semiconductor

CD40106BCN Datasheet HTML 1Page - Fairchild Semiconductor CD40106BCN Datasheet HTML 2Page - Fairchild Semiconductor CD40106BCN Datasheet HTML 3Page - Fairchild Semiconductor CD40106BCN Datasheet HTML 4Page - Fairchild Semiconductor CD40106BCN Datasheet HTML 5Page - Fairchild Semiconductor CD40106BCN Datasheet HTML 6Page - Fairchild Semiconductor

CD40106BCN Product details

General Description

The CD40106BC Hex Schmitt Trigger is a monolithic complementary MOS (CMOS) integrated circuit constructed with N and P-channel enhancement transistors.



Features

■Wide supply voltage range: 3V to 15V

■High noise immunity: 0.7 VDD(typ.)

■Low power TTL compatibility:

    Fan out of 2 driving 74L or 1 driving 74LS

■Hysteresis: 0.4 VDD(typ.),

       0.2 VDD guaranteed

■Equivalent to MM74C14

■Equivalent to MC14584B



Similar Part No. - CD40106BCN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD40106BCN NSC-CD40106BCN Datasheet
134Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
CD40106BCN FAIRCHILD-CD40106BCN Datasheet
71Kb / 6P
   Hex Schmitt Trigger
CD40106BCN FAIRCHILD-CD40106BCN Datasheet
72Kb / 6P
   Hex Schmitt Trigger
logo
List of Unclassifed Man...
CD40106BCN ETC2-CD40106BCN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results


Similar Description - CD40106BCN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B Datasheet
163Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
   Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
   Hex Schmitt Trigger
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
   Hex Schmitt trigger
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
   Hex Schmitt Trigger
MM54C14 NSC-MM54C14 Datasheet
124Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC_03 Datasheet
71Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B_06 Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com