|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BZX84C - Series Zeners - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BZX55C | Series Half Watt Zeners | 1 | Fairchild Semiconductor |
| BZX79C | Series Half Watt Zeners | 1 2 | Fairchild Semiconductor |
| BAT54SWT1 | 30 VOLT DUAL SERIES SCHOTTKY BARRIER DIODES | 1 2 3 4 | Motorola, Inc |
| PS2505-1 | HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES | 1 2 3 4 5 More | NEC |
| 54ACQ245 | Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs | 1 2 3 4 5 More | National Semiconductor |
| 54ACTQ574 | Quiet Series Octal D Flip-Flop with TRI-STATE Outputs | 1 2 3 4 5 More | National Semiconductor |
| LM1876 | Overture⢠Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes | 1 2 3 4 5 More | National Semiconductor |
| NTE39 | Silicon PNP Transistor Line-Operated Series Pass/Switching Regulator Compl to NTE157 | 1 2 | NTE Electronics |
| MC14001UB | UB-Suffix Series CMOS Gates | 1 2 3 4 5 More | ON Semiconductor |
| LN222RPH | 2.0 mm Series | 1 | Panasonic Semiconductor |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|