Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT541AM Datasheet (PDF) - Fairchild Semiconductor

74VHCT541AM Datasheet PDF - Fairchild Semiconductor
Part # 74VHCT541AM
Download  74VHCT541AM Download

File Size   83.28 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal Buffer/Line Driver with 3-STATE Outputs

74VHCT541AM Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT541AM Datasheet PDF - Fairchild Semiconductor

Part # 74VHCT541AM
Download  74VHCT541AM Click to download

File Size   83.28 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Octal Buffer/Line Driver with 3-STATE Outputs

74VHCT541AM Datasheet (HTML) - Fairchild Semiconductor

74VHCT541AM Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT541AM Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT541AM Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT541AM Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT541AM Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT541AM Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT541AM Datasheet HTML 7Page - Fairchild Semiconductor

74VHCT541AM Product details

General Description

The VHCT541A is an advanced high-speed CMOS device fabricated with silicon gate CMOS technology. It achieves the high-speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissi pation. The VHCT541A is an octal buffer/line driver designed to be employed as memory and address drivers, clock drivers and bus oriented transmitter/receivers.



Features

• High Speed: tPD  = 5.5 ns (typ) at VCC  = 5V

• Low power dissipation: ICC  = 4 μA (max) at TA  = 25°C

• Power down protection is provided on all inputs and outputs

• Pin and function compatible with 74HCT541




Similar Part No. - 74VHCT541AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT541AM STMICROELECTRONICS-74VHCT541AM Datasheet
63Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
logo
Fairchild Semiconductor
74VHCT541AM FAIRCHILD-74VHCT541AM Datasheet
99Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
74VHCT541AM FAIRCHILD-74VHCT541AM Datasheet
99Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74VHCT541AM ONSEMI-74VHCT541AM Datasheet
204Kb / 9P
   Octal Buffer/Line Driver
Revised April 2005
logo
Fairchild Semiconductor
74VHCT541AMTC FAIRCHILD-74VHCT541AMTC Datasheet
99Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Similar Description - 74VHCT541AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com