Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCXF162835MTD Datasheet (PDF) - Fairchild Semiconductor

74VCXF162835MTD Datasheet PDF - Fairchild Semiconductor
Part # 74VCXF162835MTD
Download  74VCXF162835MTD Download

File Size   74.28 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs

74VCXF162835MTD Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCXF162835MTD Datasheet PDF - Fairchild Semiconductor

Part # 74VCXF162835MTD
Download  74VCXF162835MTD Click to download

File Size   74.28 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs

74VCXF162835MTD Datasheet (HTML) - Fairchild Semiconductor

74VCXF162835MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCXF162835MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCXF162835MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCXF162835MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCXF162835MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCXF162835MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCXF162835MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCXF162835MTD Datasheet HTML 8Page - Fairchild Semiconductor

74VCXF162835MTD Product details

General Description
The VCXF162835 low voltage 18-bit universal bus driver combines D-type latches and D-type flip-flops to allow data flow in transparent, latched and clocked modes. The VCXF162835 is designed with 26Ω series resistors in the outputs. This design reduces noise in applications such as memory address drivers, clock drivers, and bus transceivers/transmitters. The 74VCXF162835 is designed for low voltage (1.65V to 3.6V) VCC applications with I/O capability up to 3.6V.The 74VCXF162835 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining low CMOS power dissipation.

Features
■ Compatible with PC133 DIMM module specifications
■ 1.65V–3.6V VCC specifications provided
■ 3.6V tolerant outputs
■ 26Ω series resistors in outputs
■ tPD (CLK to On)
   3.2 ns max for 3.0V to 3.6V VCC
   4.1 ns max for 2.3V to 2.7V VCC
   7.4 ns max for 1.65V to 1.95V VCC
■ Power-down high impedance outputs
■ Static Drive (IOH/IOL)
  ±12 mA @ 3.0V VCC
  ±8 mA @ 2.3V VCC
  ±3 mA @ 1.65V VCC
■ Latchup performance exceeds 300 mA
■ ESD performance:
  Human body model > 2000V
  Machine model >200V




Similar Part No. - 74VCXF162835MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXF162835MTD FAIRCHILD-74VCXF162835MTD Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
More results


Similar Description - 74VCXF162835MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVCF162835 FAIRCHILD-74ALVCF162835 Datasheet
106Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74VCXF16283_0011 FAIRCHILD-74VCXF16283_0011 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74ALVC162835 FAIRCHILD-74ALVC162835 Datasheet
89Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX162835 FAIRCHILD-74VCX162835 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74ALVCF322835 FAIRCHILD-74ALVCF322835 Datasheet
161Kb / 8P
   Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74ALVCR162601 FAIRCHILD-74ALVCR162601 Datasheet
92Kb / 6P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCXR162601 FAIRCHILD-74VCXR162601_04 Datasheet
140Kb / 9P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74ALVCF322835 FAIRCHILD-74ALVCF322835_04 Datasheet
163Kb / 7P
   Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26ohm Series Resistors in Outputs
74VCXR162601 FAIRCHILD-74VCXR162601 Datasheet
60Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com