Datasheet Search System

Mirror site :  alldatasheet.net,   alldatasheet.co.kr   cn.alldatasheet.com
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name    
    Description 

Shortcut

        74LVTH162245MEA(1)    74LVTH162245MEX(1)

Datasheet

    74LVTH162245MEA - Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs - Fairchild Semiconductor

Click Here View 74LVTH162245MEA Datasheet

Part No.74LVTH162245MEA
Description Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs
Download 74LVTH162245MEA Click here to View
File Size 78.81 Kbytes / 9 Pages
Maker FAIRCHILD [Fairchild Semiconductor]
Homepage http://www.fairchildsemi.com/

Related Electronics Part Number

Part NumberComponents DescriptionManufacturer
74LVT162244Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs Fairchild Semiconductor
74LVT322245Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25§Ù Series Resistors in A Port Outputs Fairchild Semiconductor
74ALVC162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26§Ù Series Resistors in A Port Outputs Fairchild Semiconductor
74LVTH162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs Fairchild Semiconductor
74VCX162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs Fairchild Semiconductor
74LVT2245Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25¥Ø Series Resistors in the B Port Outputs Fairchild Semiconductor
74LVTH162373Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs Fairchild Semiconductor
74LVTH162374Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25§Ù Series Resistors in the Outputs Fairchild Semiconductor
74LCXR162245Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs Fairchild Semiconductor
74ALVCH162374Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26§Ù Series Resistors in Outputs Fairchild Semiconductor

Link URL

Related keyword

  74LVTH162245MEA Datasheet   74LVTH162245MEA Cross Reference   74LVTH162245MEA Schematic   74LVTH162245MEA Distributor   74LVTH162245MEA Datenblatt   74LVTH162245MEA RoHS
  74LVTH162245MEA Equivalent   74LVTH162245MEA Application Notes   74LVTH162245MEA Data Sheet   74LVTH162245MEA component   74LVTH162245MEA Fiche Technique   74LVTH162245MEA Circuit

Does ALLDATASHEET.COM help your business so far?   

All Rights Reserved© Alldatasheet.com 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer