Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVQ273SC Datasheet (PDF) - Fairchild Semiconductor

74LVQ273SC Datasheet PDF - Fairchild Semiconductor
Part # 74LVQ273SC
Download  74LVQ273SC Download

File Size   89.3 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Octal D-Type Flip-Flop

74LVQ273SC Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVQ273SC Datasheet PDF - Fairchild Semiconductor

Part # 74LVQ273SC
Download  74LVQ273SC Click to download

File Size   89.3 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Octal D-Type Flip-Flop

74LVQ273SC Datasheet (HTML) - Fairchild Semiconductor

74LVQ273SC Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ273SC Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ273SC Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ273SC Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ273SC Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ273SC Datasheet HTML 6Page - Fairchild Semiconductor

74LVQ273SC Product details

General Description
The LVQ273 has eight edge-triggered D-type flip-flops with individual D inputs and Q outputs. The common buffered Clock (CP) and Master Reset (MR) input load and reset (clear) all flip-flops simultaneously.

Features
■ Ideal for low power/low noise 3.3V applications
■ Implements patented EMI reduction circuitry
■ Available in SOIC JEDEC, SOIC EIAJ and QSOP packages
■ Guaranteed simultaneous switching noise level and dynamic threshold performance
■ Improved latch-up immunity
■ Guaranteed incident wave switching into 75Ω
■ 4 kV minimum ESD immunity




Similar Part No. - 74LVQ273SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ273SC FAIRCHILD-74LVQ273SC Datasheet
66Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
More results


Similar Description - 74LVQ273SC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273_01 Datasheet
66Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
74LVX273 FAIRCHILD-74LVX273 Datasheet
80Kb / 7P
   Low Voltage Octal D-Type Flip-Flop
logo
ON Semiconductor
74LVX273 ONSEMI-74LVX273 Datasheet
198Kb / 9P
   Low Voltage Octal D-Type Flip-Flop
Revised April 2005
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Motorola, Inc
MC74LCX374 MOTOROLA-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
Motorola, Inc
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX574 ONSEMI-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 2
MC74LCX374 ONSEMI-MC74LCX374_12 Datasheet
136Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
July, 2012 ??Rev. 9
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com