Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FR900 Datasheet (PDF) - Fairchild Semiconductor

74FR900 Datasheet PDF - Fairchild Semiconductor
Part # 74FR900
Download  74FR900 Download

File Size   46.65 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 9-Bit, 3-Port Latchable Datapath Multiplexer

74FR900 Datasheet (PDF)

Go To PDF Page Download Datasheet
74FR900 Datasheet PDF - Fairchild Semiconductor

Part # 74FR900
Download  74FR900 Click to download

File Size   46.65 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 9-Bit, 3-Port Latchable Datapath Multiplexer

74FR900 Datasheet (HTML) - Fairchild Semiconductor

74FR900 Datasheet HTML 1Page - Fairchild Semiconductor 74FR900 Datasheet HTML 2Page - Fairchild Semiconductor 74FR900 Datasheet HTML 3Page - Fairchild Semiconductor 74FR900 Datasheet HTML 4Page - Fairchild Semiconductor 74FR900 Datasheet HTML 5Page - Fairchild Semiconductor 74FR900 Datasheet HTML 6Page - Fairchild Semiconductor

74FR900 Product details

General Description

The 74FR900 is a data bus multiplexer routing any of three 9-bit ports to any other one of the three ports. Readback of data latched from any port onto itself is also possible. The 74FR900 maintains separate control of all latch-enable, output enable and select inputs for maximum flexibility. PINV allows inversion of the data from the C8 to A8 or B8 path. This is useful for control of the parity bit in systems diagnostics.



Features

■ 9-bit data ports for systems carrying parity bits

■ Readback capability for system self checks.

■ Independent control lines for maximum flexibility

■ Guaranteed multiple output switching and 250 pF load delays

■ Outputs optimized for dynamic bus drive capability

■ PINV parity control facilitates system diagnostics

■ FR25900 resistor option for driving MOS inputs such as DRAM arrays




Similar Part No. - 74FR900

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74FR9240 FAIRCHILD-74FR9240 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9240SC FAIRCHILD-74FR9240SC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9240SPC FAIRCHILD-74FR9240SPC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9244 FAIRCHILD-74FR9244 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
74FR9244SC FAIRCHILD-74FR9244SC Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
More results


Similar Description - 74FR900

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74FR25900 FAIRCHILD-74FR25900 Datasheet
49Kb / 7P
   9-Bit, 3-Port Latchable Datapath Multiplexer with 25W Output Series Resistors
logo
National Semiconductor ...
74ABT3284 NSC-74ABT3284 Datasheet
170Kb / 12P
   18-Bit Synchronous Datapath Multiplexer
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
ON Semiconductor
MC10E171 ONSEMI-MC10E171 Datasheet
101Kb / 4P
   3-BIT 4:1 MULTIPLEXER
REV 2
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com