Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACTQ823 Datasheet (PDF) - Fairchild Semiconductor

74ACTQ823 Datasheet PDF - Fairchild Semiconductor
Part # 74ACTQ823
Download  74ACTQ823 Download

File Size   75.09 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quiet Seriesa??9-Bit D-Type Flip-Flop with 3-STATE Outputs

74ACTQ823 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACTQ823 Datasheet PDF - Fairchild Semiconductor

Part # 74ACTQ823
Download  74ACTQ823 Click to download

File Size   75.09 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quiet Seriesa??9-Bit D-Type Flip-Flop with 3-STATE Outputs

74ACTQ823 Datasheet (HTML) - Fairchild Semiconductor

74ACTQ823 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ823 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ823 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ823 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ823 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ823 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ823 Datasheet HTML 7Page - Fairchild Semiconductor

74ACTQ823 Product details

General Description
The ACTQ823 is a 9-bit buffered register. It features Clock Enable and Clear which are ideal for parity bus interfacing in high performance microprogramming systems. The ACTQ823 utilizes Fairchild Quiet Series™ technology to guarantee quiet output switching and improved dynamic threshold performance. FACT Quiet Series™ features GTO™ output control and undershoot corrector in addition to a split ground bus for superior performance.
   
Features
■ Guaranteed simultaneous switching noise level and
    dynamic threshold performance
■ Guaranteed pin-to-pin skew AC performance
■ Inputs and outputs on opposite sides of package allow
    easy interface with microprocessors
■ Improved latch-up immunity
■ Has TTL-compatible inputs
   




Similar Part No. - 74ACTQ823

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ823 FAIRCHILD-74ACTQ823 Datasheet
80Kb / 7P
   Quiet Series 9-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ823SC FAIRCHILD-74ACTQ823SC Datasheet
80Kb / 7P
   Quiet Series 9-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ823SPC FAIRCHILD-74ACTQ823SPC Datasheet
80Kb / 7P
   Quiet Series 9-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ823 FAIRCHILD-74ACTQ823_00 Datasheet
80Kb / 7P
   Quiet Series 9-Bit D-Type Flip-Flop with 3-STATE Outputs
More results


Similar Description - 74ACTQ823

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ821 FAIRCHILD-74ACTQ821 Datasheet
68Kb / 7P
   Quiet Seriesa??10-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ823 FAIRCHILD-74ACTQ823_00 Datasheet
80Kb / 7P
   Quiet Series 9-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ843 FAIRCHILD-74ACTQ843 Datasheet
69Kb / 8P
   Quiet Seriesa??9-Bit Transparent Latch with 3-STATE Outputs
74ACTQ821 FAIRCHILD-74ACTQ821_00 Datasheet
78Kb / 7P
   Quiet Series 10-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374 Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374_07 Datasheet
309Kb / 12P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574 Datasheet
98Kb / 10P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACTQ841 FAIRCHILD-74ACTQ841 Datasheet
66Kb / 7P
   Quiet Seriesa??10-Bit Transparent Latch with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ821 NSC-54ACTQ821 Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com