Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACTQ533 Datasheet (PDF) - Fairchild Semiconductor

74ACTQ533 Datasheet PDF - Fairchild Semiconductor
Part # 74ACTQ533
Download  74ACTQ533 Download

File Size   93.38 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quiet Series Octal Transparent Latch with 3-STATE Outputs

74ACTQ533 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACTQ533 Datasheet PDF - Fairchild Semiconductor

Part # 74ACTQ533
Download  74ACTQ533 Click to download

File Size   93.38 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quiet Series Octal Transparent Latch with 3-STATE Outputs

74ACTQ533 Datasheet (HTML) - Fairchild Semiconductor

74ACTQ533 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 8Page - Fairchild Semiconductor

74ACTQ533 Product details

General Description
The ACTQ533 consists of eight latches with 3-STATE outputs for bus organized system applications. The flip-flops appear transparent to the data when Latch Enable (LE) is HIGH. When LE is LOW, the data satisfying the input timing requirements is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH, the bus output is in the high impedance state.
The ACTQ533 utilizes Fairchild Quiet Series™ technology to guarantee quiet output switching and improve dynamic threshold performance. FACT Quiet Series features GTO™ output control and undershoot corrector in addition to a split ground bus for superior performance.

Features
■ ICC and IOZ reduced by 50%
■ Guaranteed simultaneous switching noise level and
   dynamic threshold performance
■ Guaranteed pin-to-pin skew AC performance
■ Improved latch up immunity
■ Eight latches in a single package
■ 3-STATE outputs drive bus lines or buffer memory
   address registers
■ Outputs source/sink 24 mA
■ Inverted version of the ACTQ373
■ 4 kV minimum ESD immunity




Similar Part No. - 74ACTQ533

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
381Kb / 9P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541MTC FAIRCHILD-74ACTQ541MTC Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541MTC FAIRCHILD-74ACTQ541MTC Datasheet
381Kb / 9P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541PC FAIRCHILD-74ACTQ541PC Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
More results


Similar Description - 74ACTQ533

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ373 FAIRCHILD-74ACQ373 Datasheet
96Kb / 10P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373_07 Datasheet
311Kb / 13P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573 Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACQ573 FAIRCHILD-74ACQ573_07 Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com