Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACTQ574SC Datasheet (PDF) - Fairchild Semiconductor

74ACTQ574SC Datasheet PDF - Fairchild Semiconductor
Part # 74ACTQ574SC
Download  74ACTQ574SC Download

File Size   98.1 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs

74ACTQ574SC Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACTQ574SC Datasheet PDF - Fairchild Semiconductor

Part # 74ACTQ574SC
Download  74ACTQ574SC Click to download

File Size   98.1 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs

74ACTQ574SC Datasheet (HTML) - Fairchild Semiconductor

74ACTQ574SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 9Page - Fairchild Semiconductor 74ACTQ574SC Datasheet HTML 10Page - Fairchild Semiconductor

74ACTQ574SC Product details

General Description

The ACQ/ACTQ574 is a high-speed, low-power octal D-type flip-flop with a buffered Common Clock (CP) and a buffered common Output Enable (OE). The information presented to the D inputs is stored in the flip-flops on the LOW-to-HIGH clock (CP) transition.



Features

■ICCand IOZreduced by 50%

■Guaranteed simultaneous switching noise level and dynamic threshold performance

■Guaranteed pin-to-pin skew AC performance

■Inputs and outputs on opposite sides of the package allowing easy interface with microprocessors

■Functionally identical to the ACQ/ACTQ374

■3-STATE outputs drive bus lines or buffer memory address registers

■Outputs source/sink 24mA

■Faster prop delays than the standard AC/ACT574



 




Similar Part No. - 74ACTQ574SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ574SC FAIRCHILD-74ACTQ574SC Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Similar Description - 74ACTQ574SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ374 FAIRCHILD-74ACQ374 Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374_07 Datasheet
309Kb / 12P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ374 NSC-54ACQ374 Datasheet
173Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
54ACTQ574 NSC-54ACTQ574 Datasheet
189Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com