Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT16245 Datasheet (PDF) - Fairchild Semiconductor

74ABT16245 Datasheet PDF - Fairchild Semiconductor
Part # 74ABT16245
Download  74ABT16245 Download

File Size   92.04 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 16-Bit Transceiver with 3-STATE Outputs

74ABT16245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT16245 Datasheet PDF - Fairchild Semiconductor

Part # 74ABT16245
Download  74ABT16245 Click to download

File Size   92.04 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 16-Bit Transceiver with 3-STATE Outputs

74ABT16245 Datasheet (HTML) - Fairchild Semiconductor

74ABT16245 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 8Page - Fairchild Semiconductor

74ABT16245 Product details

General Description
The ABT16245 contains sixteen non-inverting bidirectional buffers with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. Each byte has separate control inputs which can be shorted together for full 16-bit operation. The T/R inputs determine the direction of data flow through the device. The OE inputs disable both the A and B ports by placing them in a high impedance state.

Features
■ Bidirectional non-inverting buffers
■ Separate control logic for each byte
■ 16-bit version of the ABT245
■ A and B output sink capability of 64 mA, source
   capability of 32 mA
■ Guaranteed output skew
■ Guaranteed multiple output switching specifications
■ Output switching specified for both 50 pF and
   250 pF loads
■ Guaranteed simultaneous switching noise level and
  dynamic threshold performance
■ Guaranteed latchup protection
■ High impedance glitch free bus loading during entire
   power up and power down cycle
■ Non-destructive hot insertion capability




Similar Part No. - 74ABT16245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ABT16245ADGGRG4 TI-74ABT16245ADGGRG4 Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16245ADGGRG4 TI-74ABT16245ADGGRG4 Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16245ADGGRG4 TI-74ABT16245ADGGRG4 Datasheet
362Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16245ADGVRE4 TI-74ABT16245ADGVRE4 Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16245ADGVRE4 TI-74ABT16245ADGVRE4 Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - 74ABT16245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245_05 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245 Datasheet
86Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com