|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N5400 - 3.0 Ampere General Purpose Rectifiers - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| S3A | 3.0 Ampere General Purpose Rectifiers | 1 2 3 | Fairchild Semiconductor |
| 1N5391 | 1.5 Ampere General Purpose Rectifiers | 1 2 | Fairchild Semiconductor |
| D1F20 | General Purpose Rectifiers Single 200V 1A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| CR12-010 | Rectifiers General Purpose | 1 | Central Semiconductor Corp |
| 1N5400 | STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE | 1 2 | Motorola, Inc |
| S25VB60 | GENERAL PURPOSE RECTIFIERS | 1 2 3 4 5 | Shindengen Electric Mfg.Co.Ltd |
| 10A05 | 10.0 Amps. General Purpose Plastic Rectifiers Voltage Range 50 to 1000 Volts Forward Current 10.0 Amperes | 1 2 | List of Unclassifed Manufacturers |
| BYD17 | General purpose controlled avalanche rectifiers | 1 2 3 4 5 More | NXP Semiconductors |
| U8KBA80R | GENERAL PURPOSE RECTIFIERS | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| PS07J | General purpose rectifiers | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 |
Link URL |
|
|