Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100341 Datasheet (PDF) - Fairchild Semiconductor

100341 Datasheet PDF - Fairchild Semiconductor
Part # 100341
Download  100341 Download

File Size   94.96 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Power 8-Bit Shift Register

100341 Datasheet (PDF)

Go To PDF Page Download Datasheet
100341 Datasheet PDF - Fairchild Semiconductor

Part # 100341
Download  100341 Click to download

File Size   94.96 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Power 8-Bit Shift Register

100341 Datasheet (HTML) - Fairchild Semiconductor

100341 Datasheet HTML 1Page - Fairchild Semiconductor 100341 Datasheet HTML 2Page - Fairchild Semiconductor 100341 Datasheet HTML 3Page - Fairchild Semiconductor 100341 Datasheet HTML 4Page - Fairchild Semiconductor 100341 Datasheet HTML 5Page - Fairchild Semiconductor 100341 Datasheet HTML 6Page - Fairchild Semiconductor 100341 Datasheet HTML 7Page - Fairchild Semiconductor 100341 Datasheet HTML 8Page - Fairchild Semiconductor 100341 Datasheet HTML 9Page - Fairchild Semiconductor

100341 Product details

General Description

The 100341 contains eight edge-triggered, D-type flip-flops with individual inputs (Pn) and outputs (Qn) for parallel operation, and with serial inputs (Dn) and steering logic for bidirectional shifting. The flip-flops accept input data a setup time before the positive-going transition of the clock pulse and their outputs respond a propagation delay after this rising clock edge.



Features

■35% power reduction of the 100141

■2000V ESD protection

■Pin/function compatible with 100141

■Voltage compensated operating range = −4.2V to −5.7V

■Available to industrial grade temperature range




Similar Part No. - 100341

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100341 NSC-100341 Datasheet
150Kb / 10P
   Low Power 8-Bit Shift Register
100341D NSC-100341D Datasheet
150Kb / 10P
   Low Power 8-Bit Shift Register
100341F NSC-100341F Datasheet
150Kb / 10P
   Low Power 8-Bit Shift Register
More results


Similar Description - 100341

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100341 NSC-100341 Datasheet
150Kb / 10P
   Low Power 8-Bit Shift Register
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
   8-BIT SHIFT REGISTER
1996 REV 3
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
   8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
   8-bit Shift Register
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
   8-BIT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
   8 BIT SHIFT REGISTER
TC7MH165FK TOSHIBA-TC7MH165FK Datasheet
292Kb / 7P
   8-BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
   8-BIT SHIFT REGISTER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com