![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
D2547P914 - Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules - Agere Systems |
|
Click Here View D2547P914 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| D2525P | Wavelength-Selected D2525P Isolated DFB Laser Module with PMF | Agere Systems |
| FLD5F20CE-E | 1 550nm MI DFB Laser with Integrated Wavelength Locker | Eudyna Devices Inc |
| D2570 | D2570 D2526 D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module | Agere Systems |
| NDL7605P | 1 310 nm OPTICAL CATV RETURN PATH APPLICATIONS InGaAsP MQW DFB LASER DIODE MODULE WITH ISOLATOR | NEC |
| LSC2210 | 14 PIN DFB Laser Module with Cooler | Agilent(Hewlett-Packard) |
| LSC2500 | 2.488 Gb/s DFB Laser Module with Integral Optical Isolator | Agilent(Hewlett-Packard) |
| PL15N0021FCA | 30-B Pennington-Hopewell Rd. Pennington NJ 08543 PL13/15 DFB Series Laser Diode Modules | ETC |
| OL3392L | 1310nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber | OKI electronic componets |
| D2300 | 1.3 m D2300-Type Laser Isolated DFB Laser Module | Micro Electronics |
| NX8570 | 1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR | California Eastern Labs |
Link URL |
|
|
Related keyword |
| D2547P914 Datasheet | D2547P914 Cross Reference | D2547P914 Schematic | D2547P914 Distributor | D2547P914 Datenblatt | D2547P914 RoHS |
| D2547P914 Equivalent | D2547P914 Application Notes | D2547P914 Data Sheet | D2547P914 component | D2547P914 Fiche Technique | D2547P914 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |