|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MMDFS2P102 - P-Channel Power MOSFET with Schottky Rectifier 20 Volts - Motorola, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AP4501SSD | N with Schottky AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 5 More | Advanced Power Electronics Corp. |
| AP6923O | P-CHANNEL WITH SCHOTTKY DIODE POWER MOSFET | 1 2 3 4 | Advanced Power Electronics Corp. |
| DSSK48-003B | Power Schottky Rectifier with common cathode | 1 | IXYS Corporation |
| STS4DPFS20L | P-CHANNEL 20V - 0.07ohm - 4A SO-8 STripFET⢠MOSFET PLUS SCHOTTKY RECTIFIER | 1 2 3 4 5 More | STMicroelectronics |
| DSSK16-01A | Power Schottky Rectifier with common cathode | 1 2 | IXYS Corporation |
| STS4DPFS2LS | P-CHANNEL 20V - 0.06ohm - 4A SO-8 STripFET⢠MOSFET PLUS SCHOTTKY RECTIFIER | 1 2 3 4 5 More | STMicroelectronics |
| DSSK80-0025B | Power Schottky Rectifier with common cathode | 1 2 | IXYS Corporation |
| DSSK30-01A | Power Schottky Rectifier with common cathode | 1 2 | IXYS Corporation |
| SI4837DY | P-Channel 30-V D-S MOSFET with Schottky Diode | 1 2 3 4 5 More | Vishay Siliconix |
| DSSK20-0045A | Power Schottky Rectifier with common cathode | 1 2 | IXYS Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|