Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      5242300(1)

Featured Products and Offers


Datasheet

    5242300 - ARINC 629 SERIAL INTERFACE MODULE (SIM) - Aeroflex Circuit Technology

Page

 
Part No. 5242300
Description  ARINC 629 SERIAL INTERFACE MODULE (SIM)
Download  5242300 Click to view
File Size   1891.32 Kbytes / 12 Pages
Maker  AEROFLEX [Aeroflex Circuit Technology]
Homepage  http://www.aeroflex.com/
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TFDU8108Very Fast Infrared Transceiver Module VFIR 16 Mbit/s Serial Interface Compatible 2.7 V to 5.5 V Supply Voltage Range 1 2 3 4 5 MoreVishay Siliconix
HI-8683ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA 1 2 3 4 5 MoreHolt Integrated Circuits
HI-8685ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA 1 2 3 4 5 MoreHolt Integrated Circuits
HI-8783ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT 1 2 3 4 5 MoreHolt Integrated Circuits
HI-8787ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT 1 2 3 4 5 MoreHolt Integrated Circuits
TFDU6108Fast Infrared Transceiver Module 4 Mbit/s IrDA Serial Interface Compatible 2.7 V to 5.5 V Supply Voltage Range 1 2 3 4 5 MoreVishay Siliconix
MC145170-1PLL Frequency Synthesizer with Serial Interface CMOS 1 2 3 4 5 MoreMotorola, Inc
LM81Serial Interface ACPI-Compatible Microprocessor System 1 2 3 4 5 MoreNational Semiconductor
TP3054Enhanced Serial Interface CODEC/Filter COMBO Family 1 2 3 4 5 MoreNational Semiconductor
M25P808 Mbit Low Voltage Serial Flash Memory With 25 MHz SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11 12


Link URL

Related keyword

  5242300 Datasheet   5242300 Cross Reference   5242300 Schematic   5242300 Distributor   5242300 Datenblatt   5242300 RoHS
  5242300 Equivalent   5242300 Application Notes   5242300 Data Sheet   5242300 component   5242300 Fiche Technique   5242300 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl