Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGF-10S05 Datasheet (PDF) - Minmax Technology Co., Ltd.

AGF-10S05 Datasheet PDF - Minmax Technology Co., Ltd.
Part # AGF-10S05
Download  AGF-10S05 Download

File Size   248.51 Kbytes
Page   3 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description AC/DC Power Module 10W Ultra-compact Dimensions

AGF-10S05 Datasheet (PDF)

Go To PDF Page Download Datasheet
AGF-10S05 Datasheet PDF - Minmax Technology Co., Ltd.

Part # AGF-10S05
Download  AGF-10S05 Click to download

File Size   248.51 Kbytes
Page   3 Pages
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.
Description AC/DC Power Module 10W Ultra-compact Dimensions

AGF-10S05 Datasheet (HTML) - Minmax Technology Co., Ltd.

AGF-10S05 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AGF-10S05 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AGF-10S05 Datasheet HTML 3Page - Minmax Technology Co., Ltd.



Similar Part No. - AGF-10S05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AGF-10S05 MINMAX-AGF-10S05 Datasheet
168Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AGF-10S05 MINMAX-AGF-10S05 Datasheet
302Kb / 3P
   AC/DC Power Module 10W
More results


Similar Description - AGF-10S05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
ABF-04 MINMAX-ABF-04 Datasheet
276Kb / 3P
   AC/DC Power Module 4W Ultra-compact Dimensions
ADF-07 MINMAX-ADF-07_11 Datasheet
249Kb / 3P
   AC/DC Power Module 7W Ultra -compact Dimensions
AHF-10 MINMAX-AHF-10_16 Datasheet
467Kb / 3P
   AC/DC Power Module 10W
AGF-10 MINMAX-AGF-10_16 Datasheet
302Kb / 3P
   AC/DC Power Module 10W
ACF-10 MINMAX-ACF-10 Datasheet
562Kb / 3P
   AC/DC Power Module 10W
logo
Delta Electronics, Inc.
AA10S0300A DELTA-AA10S0300A Datasheet
237Kb / 5P
   10W Single Output AC/DC Power Module
AA10S DELTA-AA10S Datasheet
279Kb / 4P
   10W Single Output AC/DC Power Module
logo
Chinfa Electronics Ind....
KAS10 CHINFA-KAS10 Datasheet
165Kb / 4P
   AC-DC POWER MODULE 10W SINGLE OUTPUT
logo
MicroPower Direct, LLC
MHI1000BRWI8 MPD-MHI1000BRWI8 Datasheet
450Kb / 2P
   Compact, 10W Ultra-High Isolation DC/DC Converters
logo
Chinfa Electronics Ind....
KAM10 CHINFA-KAM10_14 Datasheet
217Kb / 4P
   AC - DC POWER MODULE 10W SINGLE & DUAL OUTPUT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com