|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AMSREF-02 - 5V PRECISION VOLTAGE REFERENCE - Advanced Monolithic Systems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| REF-02 | +5V Precision Voltage Reference/Temperature Trangsducer | 1 2 3 4 5 More | Analog Devices |
| MAX6220 | Low-Noise Precision +2.5V/+4.096V/+5V Voltage Reference | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX675 | +5V Precision Voltage Reference | 1 2 3 4 | Maxim Integrated Products |
| REF05 | +5V Precision VOLTAGE REFERENCE Guaranteed Long-Term Stability | 1 2 3 4 5 More | Burr-Brown Corporation |
| REF02 | +5V Precision VOLTAGE REFERENCE | 1 2 3 4 5 More | Burr-Brown Corporation |
| LM169 | Precision Voltage Reference | 1 2 3 4 5 More | National Semiconductor |
| LM4130 | Precision Micropower Low Dropout Voltage Reference | 1 2 3 4 5 More | National Semiconductor |
| ZRC500 | PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE | 1 2 3 4 5 | Zetex Semiconductors |
| SPX4040 | Precision Micropower 2.5V Shunt Voltage Reference | 1 2 3 4 5 More | Sipex Corporation |
| FAN4040 | Precision Micropower Shunt Voltage Reference | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|