|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
REF-01 - 10V Precision Viltage Reference - Analog Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AMSREF-01 | +10V PRECISION VOLTAGE REFERENCE | 1 2 3 4 5 | Advanced Monolithic Systems |
| MAX674 | +10V Precision Voltage Reference | 1 2 3 4 | Maxim Integrated Products |
| NTE999M | Integrared Circuit Programmable Precision Reference | 1 2 3 | NTE Electronics |
| ZRT050 | 5.0V LOW POWER PRECISION REFERENCE SOURCE | 1 2 3 4 | Zetex Semiconductors |
| ADR293 | Low Noise Micropower Precision Voltage Reference | 1 2 3 4 5 More | Analog Devices |
| REF-02 | +5V Precision Voltage Reference/Temperature Trangsducer | 1 2 3 4 5 More | Analog Devices |
| CLM4040 | Precision Micropower Bandgap Shunt Reference | 1 2 3 | Calogic, LLC |
| RH129 | 6.9V Precision Reference | 1 2 | Linear Technology |
| MAX9040 | Micropower Single-Supply SOT23 Comparator + Precision Reference ICs | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX9015 | SOT23 Dual Precision 1.8V Nanopower Comparators With/Without Reference | 1 2 3 4 5 More | Maxim Integrated Products |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|