Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE6098 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE6098 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE6098
Download  PE6098 Download

File Size   86.35 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18GHz

PE6098 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE6098 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE6098
Download  PE6098 Click to download

File Size   86.35 Kbytes
Page   1 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18GHz

PE6098 Datasheet (HTML) - Pasternack Enterprises, Inc.

PE6098 Datasheet HTML 1Page - Pasternack Enterprises, Inc.



Similar Part No. - PE6098

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6098 PASTERNACK-PE6098 Datasheet
424Kb / 3P
   5 Watt RF Load Up to 18 GHz With N Female Input Black Anodized Aluminum Heatsink
PE6098 PASTERNACK-PE6098_16 Datasheet
424Kb / 3P
   5 Watt RF Load Up to 18 GHz With N Female Input Black Anodized Aluminum Heatsink
More results


Similar Description - PE6098

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6039 PASTERNACK-PE6039 Datasheet
91Kb / 1P
   N FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18GHz
PE6038 PASTERNACK-PE6038 Datasheet
87Kb / 1P
   SMA FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18GHz
PE6097 PASTERNACK-PE6097 Datasheet
86Kb / 1P
   N MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18GHz
PE6106 PASTERNACK-PE6106 Datasheet
115Kb / 1P
   N MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18GHz
PE6091 PASTERNACK-PE6091 Datasheet
84Kb / 1P
   TNC FEMALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18GHz
PE6102 PASTERNACK-PE6102 Datasheet
121Kb / 1P
   N FEMALE HIGH POWER TERMINATIION FREQUENCY RANGE: DC TO 18GHz
PE6099 PASTERNACK-PE6099 Datasheet
84Kb / 1P
   TNC MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18GHz
PE6042 PASTERNACK-PE6042 Datasheet
233Kb / 1P
   HIGH POWER TERMINATION N FEMALE FREQUENCY RANGE DC TO 2GHz
PE6101 PASTERNACK-PE6101 Datasheet
84Kb / 1P
   BNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 4GHz
PE6090 PASTERNACK-PE6090 Datasheet
86Kb / 1P
   TNC MALE PRECISION TERMINATION WITH CHIN FREQUENCY RANGE: DC TO 18GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com