Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON7400A Datasheet (PDF) - Alpha & Omega Semiconductors

AON7400A Datasheet PDF - Alpha & Omega Semiconductors
Part # AON7400A
Download  AON7400A Download

File Size   177.02 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AON7400A Datasheet (PDF)

Go To PDF Page Download Datasheet
AON7400A Datasheet PDF - Alpha & Omega Semiconductors

Part # AON7400A
Download  AON7400A Click to download

File Size   177.02 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AON7400A Datasheet (HTML) - Alpha & Omega Semiconductors

AON7400A Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7400A Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7400A Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7400A Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7400A Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7400A Datasheet HTML 6Page - Alpha & Omega Semiconductors

AON7400A Product details

General Description

The AON7400A combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is suitable for use as a high side switch in SMPS and general purpose applications.



Product Summary

VDS                                      
30V

ID (at VGS=10V)                       40A

RDS(ON) (at VGS=10V)               < 7.5mΩ

RDS(ON) (at VGS = 4.5V)            < 10.5mΩ

100% UIS Tested

100% Rg Tested




 




Similar Part No. - AON7400A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7400 AOSMD-AON7400 Datasheet
160Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
AON7400 AOSMD-AON7400 Datasheet
205Kb / 5P
   30V N-Channel MOSFET
AON7400B AOSMD-AON7400B Datasheet
77Kb / 1P
   DFN3X3 PACKAGE MARKING DESCRIPTION
AON7400 AOSMD-AON7400_11 Datasheet
205Kb / 5P
   30V N-Channel MOSFET
More results


Similar Description - AON7400A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com