|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ADG611 - 1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches - Analog Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ALD4201 | CMOS LOW VOLTAGE LOW CHARGE INJECTION QUAD SPST ANALOG SWITCHES | 1 2 3 4 5 More | Advanced Linear Devices |
| MAX326 | Quad SPST Ultra-Low Leakage CMOS Analog Switches | 1 2 3 4 5 More | Maxim Integrated Products |
| DG444B | Improved Quad SPST CMOS Analog Switches | 1 2 3 4 5 More | Vishay Siliconix |
| ADG601 | 2 ohm CMOS +-5 V/5 V SPST SWITCHES | 1 2 3 4 5 More | Analog Devices |
| PS4066 | Low-Cost Quad SPST CMOS Analog Switches | 1 2 3 4 5 More | Pericom Semiconductor Corporation |
| CWB308 | CMOS/DMOS Quad Monolithic SPST Wide Band Analog Switches | 1 2 3 4 5 More | Calogic, LLC |
| MAX311 | Quad SPST CMOS Analog Switches | 1 2 3 4 5 More | Maxim Integrated Products |
| ADG621 | CMOS +-5 V/ +5V 4 OHM DUAL SPST SWITCHES | 1 2 3 4 5 More | Analog Devices |
| ADG1211 | 1 pF Off Capacitance 1 pC Charge Injection ±15 V/12 V iCMOS⢠Quad SPST Switches | 1 2 3 4 5 More | Analog Devices |
| MAX312 | 10⦠Quad SPST CMOS Analog Switches | 1 2 3 4 5 More | Maxim Integrated Products |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|