Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOTF7S65 Datasheet (PDF) - Alpha & Omega Semiconductors

AOTF7S65 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOTF7S65
Download  AOTF7S65 Download

File Size   308.21 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V 7A a MOS Power Transistor

AOTF7S65 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOTF7S65 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOTF7S65
Download  AOTF7S65 Click to download

File Size   308.21 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V 7A a MOS Power Transistor

AOTF7S65 Datasheet (HTML) - Alpha & Omega Semiconductors

AOTF7S65 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF7S65 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF7S65 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF7S65 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF7S65 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF7S65 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOTF7S65 Datasheet HTML 7Page - Alpha & Omega Semiconductors

AOTF7S65 Product details

General Description
The AOT7S65L & AOB7S65L & AOTF7S65L & AOTF7S65 have been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications. By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

Product Summary
   VDS @ Tj,max  750V
   IDM                     30A
   RDS(ON),max 0.65Ω
   Qg,typ              9.2nC
   Eoss @ 400V      2µJ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOTF7S65

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOTF7S65 AOSMD-AOTF7S65 Datasheet
557Kb / 7P
   650V 7A a MOS
logo
Inchange Semiconductor ...
AOTF7S65 ISC-AOTF7S65 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOTF7S65L AOSMD-AOTF7S65L Datasheet
557Kb / 7P
   650V 7A a MOS
More results


Similar Description - AOTF7S65

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD7S65 AOSMD-AOD7S65 Datasheet
363Kb / 7P
   650V 7A a MOS Power Transistor
AOW7S65 AOSMD-AOW7S65 Datasheet
267Kb / 6P
   650V 7A a MOS TM Power Transistor
AOT7S65L AOSMD-AOT7S65L Datasheet
557Kb / 7P
   650V 7A a MOS
logo
Shenzhen Foster Semicon...
FIR7NS65ABPG FOSTER-FIR7NS65ABPG Datasheet
2Mb / 7P
   7A, 650V DP MOS POWER TRANSISTOR-S
FIR7NS65AFG FOSTER-FIR7NS65AFG Datasheet
2Mb / 7P
   7A, 650V DP MOS POWER TRANSISTOR-S
FIR7NS65ALG FOSTER-FIR7NS65ALG Datasheet
2Mb / 7P
   7A, 650V DP MOS POWER TRANSISTOR-S
logo
Alpha & Omega Semicondu...
AOB7S60 AOSMD-AOB7S60 Datasheet
293Kb / 6P
   600V 7A a MOS Power Transistor
AOD7S60 AOSMD-AOD7S60 Datasheet
295Kb / 7P
   600V 7A a MOS Power Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com