|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AD678 - 12-Bit 200 kSPS Complete Sampling ADC - Analog Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD7858 | 3 V to 5 V Single Supply 200 kSPS 8-Channel 12-Bit Sampling ADC | 1 2 3 4 5 More | Analog Devices |
| AD7859 | 3 V to 5 V Single Supply 200 kSPS 8-Channel 12-Bit Sampling ADCs | 1 2 3 4 5 More | Analog Devices |
| AD7862 | Simultaneous Sampling Dual 250 kSPS 12-Bit ADC | 1 2 3 4 5 More | Analog Devices |
| AD7870A | LC2MOS Complete 12-Bit 100 kHz Sampling ADC | 1 2 3 4 5 More | Analog Devices |
| AD7878 | LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface | 1 2 3 4 5 More | Analog Devices |
| AD779 | 14-Bit 128 kSPS Complete Sampling ADC | 1 2 3 4 5 More | Analog Devices |
| AD7819 | +2.7 V to +5.5 V 200 kSPS 8-Bit Sampling ADC | 1 2 3 4 5 More | Analog Devices |
| AD7923 | 4-Channel 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP | 1 2 3 4 5 More | Analog Devices |
| AD679 | 14-Bit 128 kSPS Complete Sampling ADC | 1 2 3 4 5 More | Analog Devices |
| AD7927 | 8-Channel 200 kSPS 12-Bit ADC with Sequencer in 20-Lead TSSOP | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 |
Link URL |
|
|