Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMER150-AZ Datasheet (PDF) - AIMTEC

AMER150-AZ Datasheet PDF - AIMTEC
Part # AMER150-AZ_12
Download  AMER150-AZ Download

File Size   756.64 Kbytes
Page   11 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description up to 6.3A | AC-DC / DC-DC | LED Driver / Converter

AMER150-AZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AMER150-AZ Datasheet PDF - AIMTEC

Part # AMER150-AZ_12
Download  AMER150-AZ Click to download

File Size   756.64 Kbytes
Page   11 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description up to 6.3A | AC-DC / DC-DC | LED Driver / Converter

AMER150-AZ Datasheet (HTML) - AIMTEC

Back Button AMER150-AZ_12 Datasheet HTML 1Page - AIMTEC AMER150-AZ_12 Datasheet HTML 2Page - AIMTEC AMER150-AZ_12 Datasheet HTML 3Page - AIMTEC AMER150-AZ_12 Datasheet HTML 4Page - AIMTEC AMER150-AZ_12 Datasheet HTML 5Page - AIMTEC AMER150-AZ_12 Datasheet HTML 6Page - AIMTEC AMER150-AZ_12 Datasheet HTML 7Page - AIMTEC AMER150-AZ_12 Datasheet HTML 8Page - AIMTEC AMER150-AZ_12 Datasheet HTML 9Page - AIMTEC AMER150-AZ_12 Datasheet HTML 10Page - AIMTEC Next Button 



Similar Part No. - AMER150-AZ_12

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER150-AZ AIMTEC-AMER150-AZ_13 Datasheet
1Mb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
More results


Similar Description - AMER150-AZ_12

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER150-CAZ AIMTEC-AMER150-CAZ_13 Datasheet
1Mb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-50300AZ AIMTEC-AMER150-50300AZ_17 Datasheet
1Mb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ_13 Datasheet
1Mb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-CAZ AIMTEC-AMER150-CAZ Datasheet
708Kb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ Datasheet
922Kb / 9P
   up to 6.3A | AC-DC LED driver
AMER90-CAZ AIMTEC-AMER90-CAZ_13 Datasheet
1Mb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER90-CAZ AIMTEC-AMER90-CAZ Datasheet
711Kb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com