|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AD1851 - 16-Bit/18-Bit, 16 X Fs PCM Audio DACs - Analog Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MN88831 | PCM Audio Decoder LSI for Satellite Broadcasting Tuners Includes Built-In Digital Filter and D/A Converter | 1 2 3 4 5 More | Panasonic Semiconductor |
| TDA1011A | 2 to 5W audio power amplifier with preamplifier | 1 2 3 4 5 More | NXP Semiconductors |
| 2SC4180 | AUDIO FREQUENCY HIGH GAIN AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR | 1 2 3 4 | NEC |
| NJM2149 | LOW VOLTAGE AUDIO POWER AMPLIFIERã | 1 2 3 | New Japan Radio |
| NJM2193 | FOCUS & SRS AUDIO PROCESSOR | 1 2 3 4 5 More | New Japan Radio |
| SM5840FS | AUDIO MULTI-FUNCTION DIGITAL FILTER | 1 2 3 4 5 More | Nippon Precision Circuits Inc |
| LM1818 | Electronically Switched Audio Tape System | 1 2 3 4 5 More | National Semiconductor |
| LM386 | Low Voltage Audio Power Amplifier | 1 2 3 4 5 More | National Semiconductor |
| LM4755 | Stereo 11W Audio Power Amplifier with Mute | 1 2 3 4 5 More | National Semiconductor |
| LM4854 | 1.9W Monaural 85mW Stereo Headphone Audio Amplifier | 1 2 3 4 5 More | National Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|