|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MHW7182 - 18 dB GAIN 750/860/1000 MHz 110/128/152 CHANNEL CATV AMPLIFIERS - Motorola, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MHW7222 | 22 dB GAIN 750/860 MHz 110/128 CHANNEL CATV AMPLIFIERS | 1 2 | Motorola, Inc |
| MHW7222A | 22 dB GAIN 750 MHz 110 CHANNEL CATV AMPLIFIER | 1 2 | Motorola, Inc |
| MHW8242A | 24 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER | 1 2 | Motorola, Inc |
| MHW8272 | 27 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER | 1 2 | Motorola, Inc |
| MHW8272A | 27 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER | 1 2 | Motorola, Inc |
| CA901 | 17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS | 1 2 3 4 | Motorola, Inc |
| MHW8292 | 29 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER | 1 2 | Motorola, Inc |
| CA922 | 17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS | 1 2 3 4 | Motorola, Inc |
| MHW9242 | 24 dB GAIN 1000 MHz 152-CHANNEL CATV AMPLIFIER | 1 2 | Motorola, Inc |
| MHW7242 | 24 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER | 1 2 | Motorola, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|