|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ICX027CKA - 1/2 INCH CCD IMAGE SENSOR FOR PAL COLOR CAMERA - Sony Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ICX059AK | 1/3-inch CCD Image Sensor for PAL Color Camera | 1 2 3 4 5 More | Sony Corporation |
| ICX059CK | Diagonal 6mm Type 1/3 CCD Image Sensor for PAL Color Video Camera | 1 2 3 4 5 More | Sony Corporation |
| KC74129C | 1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA | 1 2 3 4 5 More | Samsung semiconductor |
| ICX058AK | 1/3-inch CCD Image Sensor for PAL Color Camera | 1 2 3 4 5 More | Sony Corporation |
| ICX026CKA | 1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA | 1 2 3 4 5 More | Sony Corporation |
| S5F429PX03 | 1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA | 1 2 3 4 5 More | Samsung semiconductor |
| ICX055AK | 1/3-inch CCD Image Sensor for PAL Color Camera | 1 2 3 4 5 More | Sony Corporation |
| KC73129UCA | 1/3 INCH CCD IMAGE SENSOR FOR PAL CAMERA | 1 2 3 4 5 More | Samsung semiconductor |
| KC74125B | 1/4 INCH CCD IMAGE SENSOR FOR EIA CAMERA | 1 2 3 4 5 More | Samsung semiconductor |
| ICX087AK | Diagonal 4.5mm Type 1/4 CCD Image Sensor for PAL Color Video Cameras | 1 2 3 4 5 More | Sony Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 |
Link URL |
|
|