Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCD1209DG Datasheet (PDF) - Toshiba Semiconductor

TCD1209DG Datasheet PDF - Toshiba Semiconductor
Part # TCD1209DG
Download  TCD1209DG Download

File Size   177.0 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2048-elements, for optical character reader(OCR) and fax machines

TCD1209DG Datasheet (PDF)

Go To PDF Page Download Datasheet
TCD1209DG Datasheet PDF - Toshiba Semiconductor

Part # TCD1209DG
Download  TCD1209DG Click to download

File Size   177.0 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2048-elements, for optical character reader(OCR) and fax machines

TCD1209DG Datasheet (HTML) - Toshiba Semiconductor

TCD1209DG Datasheet HTML 1Page - Toshiba Semiconductor TCD1209DG Datasheet HTML 2Page - Toshiba Semiconductor

TCD1209DG Product details

2048-elements, for optical character reader(OCR) and fax machines.



The TCD1209DG is a high speed and low dark current 2048 elements CCD image sensor.

The sensor is designed for facsimile, imagescanner and OCR.

The device contains a row of 2048 elements photodiodes which provide a 8 lines / mm (200 DPI) across a B4 size paper.

The device is operated by 5 V (pulse), and 12 V power supply.



Features

Number of Image Sensing Elements: 2048

Image Sensing Element Size: 14µm by 14µm on 14µm centers

Photo Sensing Region: High sensitive and low voltage dark signal pn photodiode

Clock: 2 phase (5V)

Package: 22 pin Cerdip




Similar Part No. - TCD1209DG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1209D TOSHIBA-TCD1209D Datasheet
385Kb / 11P
   CCD LINEAR IMAGE SENSOR
More results


Similar Description - TCD1209DG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC82102 SANYO-LC82102 Datasheet
75Kb / 5P
   Image-Processing LSI for Fax, Copier and OCR Products
LC82101 SANYO-LC82101 Datasheet
76Kb / 5P
   Image Processing Circuit for FAX, Copier, and OCR Products
logo
Toshiba Semiconductor
TLP1243 TOSHIBA-TLP1243_07 Datasheet
215Kb / 9P
   Copiers, Printers and Fax Machines Air-conditioners Game Machines
TLP1255 TOSHIBA-TLP1255 Datasheet
192Kb / 7P
   Copiers, Printers and Fax Machines Air Conditioners Game Machines
TLP833 TOSHIBA-TLP833_07 Datasheet
243Kb / 8P
   Copiers, Printers, Fax Machines
logo
Shenzhen Huazhimei Semi...
HM8563 HMSEMI-HM8563 Datasheet
914Kb / 22P
   OA equipments such as Fax machines
logo
Toshiba Semiconductor
TCD1205DG TOSHIBA-TCD1205DG Datasheet
156Kb / 2P
   2048-elements, embedded electronic shutter function, for barcode scanner
logo
Pepperl+Fuchs Inc.
PXV100A-F200-B28-V1D-6011 PF-PXV100A-F200-B28-V1D-6011 Datasheet
1Mb / 7P
   Optical reader - safePXV
PXV100A-F200-B28-V1D PF-PXV100A-F200-B28-V1D Datasheet
1Mb / 6P
   Optical reader - safePXV
PGV100A-F200A-B28-V1D PF-PGV100A-F200A-B28-V1D Datasheet
1Mb / 6P
   Optical reader - safePGV
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com