Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2547Q Datasheet (PDF) - Sony Corporation

CXA2547Q Datasheet PDF - Sony Corporation
Part # CXA2547Q
Download  CXA2547Q Download

File Size   261.1 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2-band Electronic Volume

CXA2547Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA2547Q Datasheet PDF - Sony Corporation

Part # CXA2547Q
Download  CXA2547Q Click to download

File Size   261.1 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2-band Electronic Volume

CXA2547Q Datasheet (HTML) - Sony Corporation

Back Button CXA2547Q Datasheet HTML 1Page - Sony Corporation CXA2547Q Datasheet HTML 2Page - Sony Corporation CXA2547Q Datasheet HTML 3Page - Sony Corporation CXA2547Q Datasheet HTML 4Page - Sony Corporation CXA2547Q Datasheet HTML 5Page - Sony Corporation CXA2547Q Datasheet HTML 6Page - Sony Corporation CXA2547Q Datasheet HTML 7Page - Sony Corporation CXA2547Q Datasheet HTML 8Page - Sony Corporation CXA2547Q Datasheet HTML 9Page - Sony Corporation CXA2547Q Datasheet HTML 10Page - Sony Corporation Next Button 

CXA2547Q Product details

Description
The CXA2547Q is a 2-channel electronic volume IC. A 34-bit serial data input controls the level and characteristics of the output signal. It may be used in car stereos and general audio systems.

Features
• Loudness
• Volume control (from 0 dB to –80 dB, –∞ dB : Fine (1 dB-step) Coarse (8 dB-step)
• Balance
• Tone control (2-band, 2 dB-step from –15 dB to +15 dB)
• Fader 2 dB-step to –20 dB, –25 dB, –35 dB, –45 dB, –60 dB, –∞ dB)
• Input and gain selector (4 channels)
• Serial data control (DATA, CLK, CE)
• Single 8 V power supply
• Zero-cross detection circuit (L/R independent operation for the volume block)
• Timer
• Power-off mute
• Countermeasure to the noise of the portable telephone




Similar Part No. - CXA2547Q

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA2540 CREE-CXA2540 Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U20E8 CREE-CXA2540-0000-000N00U20E8 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA2540-0000-000N00U227F CREE-CXA2540-0000-000N00U227F Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA2540-0000-000N00U227F CREE-CXA2540-0000-000N00U227F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results


Similar Description - CXA2547Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2546Q SONY-CXA2546Q Datasheet
268Kb / 19P
   3-band Electronic Volume
logo
Mitsubishi Electric Sem...
M51131L MITSUBISHI-M51131L Datasheet
536Kb / 9P
   2 CHANNEL ELECTRONIC VOLUME BALANCE
logo
Sony Corporation
CXA1646Q SONY-CXA1646Q Datasheet
273Kb / 21P
   Electronic Volume
logo
Silan Microelectronics ...
SC9235 SILAN-SC9235 Datasheet
139Kb / 9P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1211M SONY-CXA1211M Datasheet
121Kb / 10P
   Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
   Electronic Volume
logo
Toshiba Semiconductor
TC9153 TOSHIBA-TC9153 Datasheet
1Mb / 16P
   electronic volume
logo
Sony Corporation
CXA2506Q SONY-CXA2506Q Datasheet
250Kb / 19P
   Electronic Volume
CXA1946AQ SONY-CXA1946AQ Datasheet
367Kb / 24P
   Electronic Volume
logo
Toshiba Semiconductor
TC9235P TOSHIBA-TC9235P Datasheet
342Kb / 10P
   ELECTRONIC VOLUME
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com