|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CXA2002R - 2-channel Recording/Playback Amplifier - Sony Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LA4277 | 5 W 2-Channel Power Amplifier | 1 2 3 4 5 More | Sanyo Semicon Device |
| LA4635B | 2-Channel BTL AF Power Amplifier | 1 2 3 | Sanyo Semicon Device |
| TFA9843J | 2-channel audio amplifier SE: 1 W to 20 W or BTL: 4 W to 40 W | 1 2 3 4 5 More | NXP Semiconductors |
| STK3152III | 2-Channel Voltage Amplifier for 80 to 90W power Amplifier Dual Supplies | 1 2 | List of Unclassifed Manufacturers |
| LA4278 | 10 W 2-Channel Power Amplifier | 1 2 3 4 5 More | Sanyo Semicon Device |
| LA4636 | For General Audio Use 11 W 2-Channel BTL AF Power Amplifier | 1 2 3 | Sanyo Semicon Device |
| STK4412 | 2-Channel AF Power Amplifier 20W+20W min THD = 1.0% | 1 2 3 4 5 More | Sanyo Semicon Device |
| LA4700N | 2-Channel 12W AF Power Amplifier for Car Stereos | 1 2 3 4 5 | Sanyo Semicon Device |
| LA4282 | 2-Channel 10 W AF Power Amplifier for Use in Home Stereo TV Applications | 1 2 3 4 5 More | Sanyo Semicon Device |
| LA4705 | 15 W 2-channel BTL AF Power Amplifier for Car Stereos | 1 2 3 4 5 More | Sanyo Semicon Device |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 |
Link URL |
|
|