Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-00649 Datasheet (PDF) - Tensility International Corp.

10-00649 Datasheet PDF - Tensility International Corp.
Part # 10-00649
Download  10-00649 Download

File Size   404.63 Kbytes
Page   2 Pages
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.
Description Cable, 100 mm, USB A receptacle to USB A micro male, 28 AWG, 30-00088 wire

10-00649 Datasheet (PDF)

Go To PDF Page Download Datasheet
10-00649 Datasheet PDF - Tensility International Corp.

Part # 10-00649
Download  10-00649 Click to download

File Size   404.63 Kbytes
Page   2 Pages
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.
Description Cable, 100 mm, USB A receptacle to USB A micro male, 28 AWG, 30-00088 wire

10-00649 Datasheet (HTML) - Tensility International Corp.

10-00649 Datasheet HTML 1Page - Tensility International Corp. 10-00649 Datasheet HTML 2Page - Tensility International Corp.


Similar Part No. - 10-00649

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00648 TENSILITY-10-00648 Datasheet
471Kb / 2P
   Cable, 100 mm, USB A receptacle to USB B male, 28 AWG, 30-00088 wire
More results


Similar Description - 10-00649

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00650 TENSILITY-10-00650 Datasheet
405Kb / 2P
   Cable, 100 mm, USB A receptacle to USB B micro male, 28 AWG, 30-00088 wire
10-00652 TENSILITY-10-00652 Datasheet
408Kb / 2P
   Cable, 100 mm, mini USB A receptacle to USB A male, 28 AWG, 30-00088 wire
10-00648 TENSILITY-10-00648 Datasheet
471Kb / 2P
   Cable, 100 mm, USB A receptacle to USB B male, 28 AWG, 30-00088 wire
10-00651 TENSILITY-10-00651 Datasheet
405Kb / 2P
   Cable, 100 mm, USB A receptacle to USB mini B 5P male, 28 AWG, 30-00088 wire
logo
Assmann Electronics Inc...
AK6702-1-R ASSMANN-AK6702-1-R Datasheet
97Kb / 1P
   USB Cable A to A, Version 1.1 2.0 USB A Male to A Male
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B
logo
Assmann Electronics Inc...
AK669-50-R ASSMANN-AK669-50-R Datasheet
194Kb / 1P
   USB Extention Cable Version 1.1 USB A Male to USB A Female
AK670-OE ASSMANN-AK670-OE Datasheet
90Kb / 1P
   USB Cable A-Male
AK672-1XHQC-R ASSMANN-AK672-1XHQC-R Datasheet
77Kb / 1P
   High Quality USB Connection Cable, USB A Male to USB B Male
logo
Wurth Elektronik GmbH &...
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
   CABLE USB 3.1 C MALE TO USB 3.1 A MALE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com