|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CXA1786N - 1.1GHz-band PLL IC for Mobile Communications - Sony Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CXA1787N | 2GHz-band PLL IC for Mobile Communications | 1 2 3 4 5 More | Sony Corporation |
| UPC2762TB | 3 V SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS | 1 2 3 4 5 More | NEC |
| UMA1014 | Low-power frequency synthesizer for mobile radio communications | 1 2 3 4 5 More | NXP Semiconductors |
| CXA1852N | Quadrature Modulator for 900 MHz-Band Mobile Communications | 1 2 3 4 5 More | Sony Corporation |
| UPC8100GR | SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS | 1 2 3 4 5 More | NEC |
| UPC8101GR | 150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS | 1 2 3 4 5 More | NEC |
| UPC8179TB | SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS | 1 2 3 4 5 More | NEC |
| UPC8182TB | 3 V 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS | 1 2 3 4 5 More | NEC |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|