Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1619AS Datasheet (PDF) - Sony Corporation

CXA1619AS Datasheet PDF - Sony Corporation
Part # CXA1619AS
Download  CXA1619AS Download

File Size   193.83 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description FM/AM Radio

CXA1619AS Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA1619AS Datasheet PDF - Sony Corporation

Part # CXA1619AS
Download  CXA1619AS Click to download

File Size   193.83 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description FM/AM Radio

CXA1619AS Datasheet (HTML) - Sony Corporation

Back Button CXA1619AS Datasheet HTML 1Page - Sony Corporation CXA1619AS Datasheet HTML 2Page - Sony Corporation CXA1619AS Datasheet HTML 3Page - Sony Corporation CXA1619AS Datasheet HTML 4Page - Sony Corporation CXA1619AS Datasheet HTML 5Page - Sony Corporation CXA1619AS Datasheet HTML 6Page - Sony Corporation CXA1619AS Datasheet HTML 7Page - Sony Corporation CXA1619AS Datasheet HTML 8Page - Sony Corporation CXA1619AS Datasheet HTML 9Page - Sony Corporation CXA1619AS Datasheet HTML 10Page - Sony Corporation Next Button 

CXA1619AS Product details

Description

CXA1619AM/AS is a one-chip FM/AM radio IC designed for radio-cassette tape recorders and headphone tape recorders, and has the following functions.



Features

• Small number of peripheral components.

• Low current consumption (VCC=3 V)

  For FM : ID=5.8 mA (Typ.)

  For AM : ID=4.7 mA (Typ.)

• Built-in FM/AM select switch.

• Large output of AF amplifier.

  EIAJ output=450 mW (Typ.) when

  VCC=6 V, load impedance 8 Ω



Function

FM section

• RF amplifier, Mixer and OSC (incorporating AFC variable capacitor).

• IF amplifier

• Quadrature detection

• Tuning LED driver AM section

• RF amplifier, Mixer and OSC (with RF AGC)

• IF amplifier (with IF AGC)

• Detector

• Tuning LED driver AF section

• Electronic volume control




Similar Part No. - CXA1619AS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1619BM SONY-CXA1619BM Datasheet
198Kb / 11P
   FM/AM Radio
CXA1619BS SONY-CXA1619BS Datasheet
198Kb / 11P
   FM/AM Radio
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
CXA1619S SONY-CXA1619S Datasheet
298Kb / 12P
   FM/AM Radio
More results


Similar Description - CXA1619AS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
logo
New Japan Radio
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
   FM/AM Radio
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
   FM/AM RADIO
CXA1019M SONY-CXA1019M Datasheet
322Kb / 13P
   FM/AM Radio
CXA1691BM SONY-CXA1691BM Datasheet
191Kb / 11P
   FM/AM Radio
logo
Unisonic Technologies
CXA1191 UTC-CXA1191_15 Datasheet
203Kb / 8P
   FM/AM Radio
logo
New Japan Radio
NJM2237 NJRC-NJM2237 Datasheet
478Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1619BM SONY-CXA1619BM Datasheet
198Kb / 11P
   FM/AM Radio
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com