Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL26323 Datasheet (PDF) - Intersil Corporation

ISL26323 Datasheet PDF - Intersil Corporation
Part # ISL26323
Download  ISL26323 Download

File Size   1110.53 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels

ISL26323 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL26323 Datasheet PDF - Intersil Corporation

Part # ISL26323
Download  ISL26323 Click to download

File Size   1110.53 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels

ISL26323 Datasheet (HTML) - Intersil Corporation

Back Button ISL26323 Datasheet HTML 1Page - Intersil Corporation ISL26323 Datasheet HTML 2Page - Intersil Corporation ISL26323 Datasheet HTML 3Page - Intersil Corporation ISL26323 Datasheet HTML 4Page - Intersil Corporation ISL26323 Datasheet HTML 5Page - Intersil Corporation ISL26323 Datasheet HTML 6Page - Intersil Corporation ISL26323 Datasheet HTML 7Page - Intersil Corporation ISL26323 Datasheet HTML 8Page - Intersil Corporation ISL26323 Datasheet HTML 9Page - Intersil Corporation ISL26323 Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL26323 Product details

The ISL26310/11/12/13/14/15/19 family of sampling SAR-type ADCs feature excellent linearity over supply and temperature variations, and offer versions with 1-, 2-, 4- and 8-channel single-ended inputs, and 1-, 2- and 4-channel differential inputs.

A proprietary input multiplexer and combination buffer amplifier reduces the input drive requirements, resulting in lower cost and reduced board space. Specified measurement accuracy is maintained with input signals up to VDD.

Members of the ISL26310/11/12/13/14/15/19 family of Low-Power ADCs offer pinout intercompatibility, differing only in the analog inputs, to support quick replication of proven layouts across multiple design platforms.



Features

• Pin-compatible Family Allows Easy Design Upgrades

• Excellent Differential Non-Linearity (0.7LSB max)

• Low THD: -86dB (typ)

• Simple SPI-compatible Serial Digital Interface

• Low 2.2mA Operating Current

• Power-down Current between Conversions 8µA (typ)

• +5.25V to +2.7V Supply

• Excellent ESD Survivability: 5kV HBM, 350V MM, 2kV CDM



Applications

• Industrial Process Control

• Energy Measurement

• Multichannel Data Acquisition Systems

• Pressure Sensors

• Flow Controllers




Similar Part No. - ISL26323

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL26323 RENESAS-ISL26323 Datasheet
1Mb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26323 RENESAS-ISL26323 Datasheet
1Mb / 23P
   12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26323 INTERSIL-ISL26323 Datasheet
860Kb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
September 5, 2013
ISL26323FBZ INTERSIL-ISL26323FBZ Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL26323FBZ INTERSIL-ISL26323FBZ Datasheet
860Kb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
September 5, 2013
More results


Similar Description - ISL26323

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL26320 RENESAS-ISL26320 Datasheet
1Mb / 23P
   12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26320FBZ INTERSIL-ISL26320FBZ Datasheet
860Kb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
September 5, 2013
ISL26310 INTERSIL-ISL26310 Datasheet
818Kb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Renesas Technology Corp
ISL26310 RENESAS-ISL26310 Datasheet
1Mb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Linear Technology
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Linear Technology
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com