Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W02M Datasheet (PDF) - Shanghai Sunrise Electronics

W02M Datasheet PDF - Shanghai Sunrise Electronics
Part # W02M
Download  W02M Download

File Size   15.05 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SINGLE PHASE SILICON BRIDGE RECTIFIER

W02M Datasheet (PDF)

Go To PDF Page Download Datasheet
W02M Datasheet PDF - Shanghai Sunrise Electronics

Part # W02M
Download  W02M Click to download

File Size   15.05 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SINGLE PHASE SILICON BRIDGE RECTIFIER

W02M Datasheet (HTML) - Shanghai Sunrise Electronics

W02M Datasheet HTML 1Page - Shanghai Sunrise Electronics

W02M Product details

VOLTAGE: 50 TO 1000V

CURRENT: 1.5A



FEATURES

• Ideal for printed circuit board

• Surge overload rating: 50 A peak

• High case dielectric strength

• High temperature soldering guaranteed: 250℃/10sec/0.375"(9.5mm) lead length at 5 lbs tension



MECHANICAL DATA

• Terminal: Plated leads solderable per MIL-STD 202E, method 208C

• Case: UL-94 Class V-O recognized flame retardant epoxy

• Polarity: Polarity symbol marked on body

• Mounting position: Any




Similar Part No. - W02M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
W02M MCC-W02M Datasheet
310Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Any Mounting Position
logo
Won-Top Electronics
W02M WTE-W02M Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
W02M TSC-W02M Datasheet
74Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers
logo
CHENG-YI ELECTRONIC CO....
W02M CHENG-YI-W02M Datasheet
121Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Yea Shin Technology Co....
W02M YEASHIN-W02M Datasheet
365Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results


Similar Description - W02M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
TS4B05G PFS-TS4B05G Datasheet
316Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Continental Device Indi...
KBPC8005 CDIL-KBPC8005 Datasheet
183Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBU8A GENESIC-KBU8A Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
KBU1006 GENESIC-KBU1006 Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com