
Electronic Component's Datasheet Search Site 
Mirror site (Language) :
English
, Chinese
, German
, Japanese
, Russian
, Korean
, Spanish
, French
, Italian
, Portuguese
, Polish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
|
|
|
Featured Products and Offers |
STW54NM65ND Datasheet (PDF) - STMicroelectronics - N-channel 650 V, 0.055 Ω, 49 A TO-247 FDmesh™ II Power MOSFET
|
|
|
|
| Part No. | STW54NM65ND |
|
| Download |
STW54NM65ND Click to view |
|
| File Size | 550.1 Kbytes |
|
| Page | 13 Pages |
|
| Maker | STMICROELECTRONICS [STMicroelectronics] |
|
| Homepage | http://www.st.com |
|
| Logo |  |
|
|
|
|
|
| |
STW54NM65ND Datasheet (HTML) |
|