Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20LPCV24110 Datasheet (PDF) - Crydom Inc.,

20LPCV24110 Datasheet PDF - Crydom Inc.,
Part # 20LPCV24110
Download  20LPCV24110 Download

File Size   1264.69 Kbytes
Page   20 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY

20LPCV24110 Datasheet (PDF)

Go To PDF Page Download Datasheet
20LPCV24110 Datasheet PDF - Crydom Inc.,

Part # 20LPCV24110
Download  20LPCV24110 Click to download

File Size   1264.69 Kbytes
Page   20 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY

20LPCV24110 Datasheet (HTML) - Crydom Inc.,

Back Button 20LPCV24110 Datasheet HTML 1Page - Crydom Inc., 20LPCV24110 Datasheet HTML 2Page - Crydom Inc., 20LPCV24110 Datasheet HTML 3Page - Crydom Inc., 20LPCV24110 Datasheet HTML 4Page - Crydom Inc., 20LPCV24110 Datasheet HTML 5Page - Crydom Inc., 20LPCV24110 Datasheet HTML 6Page - Crydom Inc., 20LPCV24110 Datasheet HTML 7Page - Crydom Inc., 20LPCV24110 Datasheet HTML 8Page - Crydom Inc., 20LPCV24110 Datasheet HTML 9Page - Crydom Inc., 20LPCV24110 Datasheet HTML 10Page - Crydom Inc., Next Button 

20LPCV24110 Product details

DPA Series

• 16 Pin DIP SSR
• Ratings to 1A @ 280 VAC
• SCR output
• Voltage or current-control input
• Zero-crossing (resistive loads) output




Similar Part No. - 20LPCV24110

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
20L150CT YFWDIODE-20L150CT Datasheet
693Kb / 4P
   Trench MOS Barrier Schottky Rectifier
20L150D YFWDIODE-20L150D Datasheet
510Kb / 3P
   Trench MOS Barrier Schottky Rectifier
logo
Vishay Siliconix
20L15RSPBF VISHAY-20L15RSPBF Datasheet
103Kb / 6P
   Schottky Rectifier, 20 A
Revision: 12-Mar-10
20L15RSTRLPBF VISHAY-20L15RSTRLPBF Datasheet
103Kb / 6P
   Schottky Rectifier, 20 A
Revision: 12-Mar-10
20L15RSTRRPBF VISHAY-20L15RSTRRPBF Datasheet
103Kb / 6P
   Schottky Rectifier, 20 A
Revision: 12-Mar-10
More results


Similar Description - 20LPCV24110

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
DAP4119 BRIGHT-DAP4119 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Gennum Corporation
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
   Solid-state technology
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com