Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDV2415R Datasheet (PDF) - Crydom Inc.,

SDV2415R Datasheet PDF - Crydom Inc.,
Part # SDV2415R
Download  SDV2415R Download

File Size   608.13 Kbytes
Page   5 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description Ratings to 1.5A @ 280 VAC

SDV2415R Datasheet (PDF)

Go To PDF Page Download Datasheet
SDV2415R Datasheet PDF - Crydom Inc.,

Part # SDV2415R
Download  SDV2415R Click to download

File Size   608.13 Kbytes
Page   5 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description Ratings to 1.5A @ 280 VAC

SDV2415R Datasheet (HTML) - Crydom Inc.,

SDV2415R Datasheet HTML 1Page - Crydom Inc., SDV2415R Datasheet HTML 2Page - Crydom Inc., SDV2415R Datasheet HTML 3Page - Crydom Inc., SDV2415R Datasheet HTML 4Page - Crydom Inc., SDV2415R Datasheet HTML 5Page - Crydom Inc.,



Similar Part No. - SDV2415R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDV2415R ETC1-SDV2415R Datasheet
24Kb / 1P
   1.5 Amp 120/240Vac 16 PIN DIP Package
logo
Crydom Inc.,
SDV2415R CRYDOM-SDV2415R Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results


Similar Description - SDV2415R

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D2450-B CRYDOM-D2450-B Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
D2410-10 CRYDOM-D2410-10 Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
EL240A5-05 CRYDOM-EL240A5-05 Datasheet
668Kb / 5P
   Ratings of 5A, 10A and 20A @ 24-280 VAC
UPD2415 CRYDOM-UPD2415 Datasheet
815Kb / 4P
   SIP SSR Single Channel Ratings of 15A and 25A @ 280 VAC
A2450PG CRYDOM-A2450PG Datasheet
935Kb / 6P
   Crydoms signature family of solid-state relays. Ratings from 10A to 125A 24-280 VAC
logo
Willow Technologies Ltd
C3P24D25C WILLOW-C3P24D25C Datasheet
164Kb / 2P
   Three-Phase Output to 25A 280 Vac
logo
Teledyne Technologies I...
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
   Output to 12A 280 Vac DC Control
X24D12 TELEDYNE-X24D12 Datasheet
102Kb / 3P
   Output to 16A 280 Vac DC Control
FS24R10-06 TELEDYNE-FS24R10-06 Datasheet
96Kb / 3P
   Output to 20A 280 Vac DC Control
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
   Single Output to 25A, 280 Vac DC control
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com