Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYG20D Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

BYG20D Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # BYG20D
Download  BYG20D Download

File Size   170.91 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Ultra Fast SMD Rectifiers

BYG20D Datasheet (PDF)

Go To PDF Page Download Datasheet
BYG20D Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BYG20D
Download  BYG20D Click to download

File Size   170.91 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Ultra Fast SMD Rectifiers

BYG20D Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

BYG20D Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BYG20D Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

BYG20D Product details

VOLTAGE RANGE: 200 -- 600V
CURRENT: 1.5 A

Features
◇ For surface mounted applications
◇ Glass passivated junction
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with Alcohol,Isopropnol and similar solvents
◇ The plastic material carries U/L recognition 94V-0




Similar Part No. - BYG20D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG20D VISHAY-BYG20D Datasheet
59Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
Diode Semiconductor Kor...
BYG20D DSK-BYG20D Datasheet
83Kb / 2P
   ULTRA FAST RECTIFIER DIODES
logo
Vishay Siliconix
BYG20D VISHAY-BYG20D Datasheet
108Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
logo
Shenzhen Luguang Electr...
BYG20D LUGUANG-BYG20D Datasheet
1Mb / 2P
   Ultra Fast SMD Rectifiers
logo
EIC discrete Semiconduc...
BYG20D EIC-BYG20D Datasheet
151Kb / 2P
   ULTRAFAST AVALANCHE RECTIFIERS
More results


Similar Description - BYG20D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BYG20D LUGUANG-BYG20D_V01 Datasheet
1Mb / 2P
   Ultra Fast SMD Rectifiers
logo
Comchip Technology
CURC301-G COMCHIP-CURC301-G Datasheet
50Kb / 2P
   SMD Ultra Fast Recovery Rectifiers
CURA101-G COMCHIP-CURA101-G_12 Datasheet
63Kb / 2P
   SMD Ultra Fast Recovery Rectifiers
logo
Marl International Limi...
CURNM101 MARL-CURNM101_15 Datasheet
237Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
logo
Comchip Technology
ACURN101-HF COMCHIP-ACURN101-HF Datasheet
133Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURNM101-HF COMCHIP-CURNM101-HF Datasheet
237Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURM101-G COMCHIP-CURM101-G_12 Datasheet
99Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURC301-HF COMCHIP-CURC301-HF Datasheet
105Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURA101-G COMCHIP-CURA101-G Datasheet
49Kb / 2P
   SMD Ultra Fast Recovery Rectifiers
ACURA107-HF COMCHIP-ACURA107-HF Datasheet
103Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com