Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69D618 Datasheet (PDF) - Motorola, Inc

MCM69D618 Datasheet PDF - Motorola, Inc
Part # MCM69D618
Download  MCM69D618 Download

File Size   211.64 Kbytes
Page   14 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM

MCM69D618 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM69D618 Datasheet PDF - Motorola, Inc

Part # MCM69D618
Download  MCM69D618 Click to download

File Size   211.64 Kbytes
Page   14 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM

MCM69D618 Datasheet (HTML) - Motorola, Inc

Back Button MCM69D618 Datasheet HTML 1Page - Motorola, Inc MCM69D618 Datasheet HTML 2Page - Motorola, Inc MCM69D618 Datasheet HTML 3Page - Motorola, Inc MCM69D618 Datasheet HTML 4Page - Motorola, Inc MCM69D618 Datasheet HTML 5Page - Motorola, Inc MCM69D618 Datasheet HTML 6Page - Motorola, Inc MCM69D618 Datasheet HTML 7Page - Motorola, Inc MCM69D618 Datasheet HTML 8Page - Motorola, Inc MCM69D618 Datasheet HTML 9Page - Motorola, Inc MCM69D618 Datasheet HTML 10Page - Motorola, Inc Next Button 

MCM69D618 Product details

The MCM69D618 is a 1M–bit static random access memory, organized as 64K words of 18 bits. It features common data input and data output buffers and incorporates input and output registers on–board with high speed SRAM.

• Single 3.3 V ± 5% Power Supply
• Fast Access Times: 6/8 ns Max
• Throughput of 1.49 Gigabits/Second
• Single Clock Operation
• Address, Data Input, E1, E2, PTX, PTY, WX, WY, and Data Output Registers On–Chip
• 83 MHz Maximum Clock Frequency
• Self Timed Write
• Two Bi–Directional Data Buses
• Can be Configured as Separate I/O
• Pass–Through Feature
• Asynchronous Output Enables (GX, GY)
• LVTTL Compatible I/O
• Concurrent Reads and Writes
• 100–Pin TQFP Package




Similar Part No. - MCM69D618

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69D536 MOTOROLA-MCM69D536 Datasheet
212Kb / 14P
   32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69D536TQ6 MOTOROLA-MCM69D536TQ6 Datasheet
212Kb / 14P
   32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69D536TQ6R MOTOROLA-MCM69D536TQ6R Datasheet
212Kb / 14P
   32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69D536TQ8 MOTOROLA-MCM69D536TQ8 Datasheet
212Kb / 14P
   32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69D536TQ8R MOTOROLA-MCM69D536TQ8R Datasheet
212Kb / 14P
   32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
More results


Similar Description - MCM69D618

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCM63D736 FREESCALE-MCM63D736 Datasheet
455Kb / 16P
   128K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
logo
Motorola, Inc
MCM69D536 MOTOROLA-MCM69D536 Datasheet
212Kb / 14P
   32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69Q618 MOTOROLA-MCM69Q618 Datasheet
178Kb / 12P
   64K x 18 Bit Synchronous Separate I/O SRAM
logo
Cypress Semiconductor
CY7C1299A CYPRESS-CY7C1299A Datasheet
142Kb / 11P
   32K x 36 Dual I/O Dual Address Synchronous SRAM
CY7C1300A CYPRESS-CY7C1300A Datasheet
147Kb / 12P
   128K X 36 Dual I/O Dual Address Synchronous SRAM
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
logo
Motorola, Inc
MCM69Q536 MOTOROLA-MCM69Q536 Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
logo
Fujitsu Component Limit...
MB8441-45 FUJITSU-MB8441-45 Datasheet
992Kb / 19P
   CMOS 64K-BIT DUAL PORT SRAM
logo
AverLogic Technologies ...
AL5DS9XX9V AVERLOGIC-AL5DS9XX9V Datasheet
117Kb / 2P
   3.3V Synchronous Dual-Port SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit
logo
Motorola, Inc
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com