
Electronic Component's Datasheet Search Site 
Mirror site (Language) :
English
, Chinese
, German
, Japanese
, Russian
, Korean
, Spanish
, French
, Italian
, Portuguese
, Polish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
|
|
|
Featured Products and Offers |
LTC3626 Datasheet (PDF) - Linear Technology - 20V, 2.5A Synchronous Monolithic Step-Down Regulator
|
|
|
|
| Part No. | LTC3626 |
|
| Download |
LTC3626 Click to view |
|
| File Size | 417.07 Kbytes |
|
| Page | 28 Pages |
|
| Maker | LINER [Linear Technology] |
|
| Homepage | http://www.linear.com |
|
| Logo |  |
|
|
|
|
|
| |
|