
Electronic Component's Datasheet Search Site 
Mirror site (Language) :
English
, Chinese
, German
, Japanese
, Russian
, Korean
, Spanish
, French
, Italian
, Portuguese
, Polish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
|
|
|
Featured Products and Offers |
ELM601BA Datasheet (PDF) - ELM Technology Corporation - ELM601BA 1.5A 2.5MHz high efficiency synchronous PWM step-down DC/DC converter
|
|
|
|
| Part No. | ELM601BA |
|
| Download |
ELM601BA Click to view |
|
| File Size | 1028.81 Kbytes |
|
| Page | 7 Pages |
|
| Maker | ELM-TECH [ELM Technology Corporation] |
|
| Homepage | http://www.elm-tech.com |
|
| Logo |  |
|
|
|
|
|
| |
ELM601BA Datasheet (HTML) |
|